Part Number Hot Search : 
1206C ISL6388 DBL1018 167BZXI N7555 56LFX PR1001 S505TX
Product Description
Full Text Search
 

To Download STP60NE03L-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP60NE03L-10
N - CHANNEL ENHANCEMENT MODE " SINGLE FEATURE SIZETM " POWER MOSFET
T YPE ST P60NE03L-10
s s s s s
V DSS 30 V
R DS(o n) < 0.010
ID 60 A
TYPICAL RDS(on) = 0.007 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED LOW GATE CHARGE 100 oC APPLICATION ORIENTED CHARACTERIZATION
1 2 3
DESCRIPTION This Power Mosfet is the latest development of SGS-THOMSON unique "Single Feature Size" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalance characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC & DC-AC CONVERTERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc. )
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID IDM (*) P t ot dv/dt T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 C Drain Current (pulsed) Total Dissipation at Tc = 25 C Derating F actor Peak Diode Recovery voltage slope Storage T emperature Max. O perating Junction Temperature
o o o
Value 30 30 15 60 42 240 120 0.8 7 -65 to 175 175
(1) ISD 60 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX
Uni t V V V A A A W W/ C V/ ns
o o o
C C 1/8
(*) Pulse width limited by safe operating area
December 1997
STP60NE03L-10
THERMAL DATA
R t hj-ca se
Rthj -amb
R thc- si nk Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
1.25 62.5 0.5 300
C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symb ol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy (starting Tj = 25 o C, I D = IAR , VDD = 20 V) Max Valu e 60 600 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symb ol V (BR)DSS I DSS Parameter Drain-source Breakdown Voltage Test Cond ition s I D = 250 A V GS = 0 Min. 30 1 10 100 Typ . Max. Un it V A A nA
Zero G ate Voltage V DS = Max Rating Drain Current (VGS = 0) V DS = Max Rating o C Gate-body Leakage Current (V DS = 0) V GS = 15 V
T c = 125
I GSS
ON ()
Symb ol V GS(th) R DS( on) ID(o n) Parameter Gate Threshold Voltage V DS = VGS Test Cond ition s ID = 250 A ID = 30 A ID = 30 A 60 Min. 1 Typ . 1.7 0.007 Max. 2.5 0.01 0.015 Un it V A
Static Drain-source On V GS = 10V Resistance V GS = 5V
On State Drain Current V DS > I D(on) x R DS(on) max V GS = 10 V
DYNAMIC
Symb ol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Cond ition s V DS > I D(on) x R DS(on) max V DS = 25 V f = 1 MHz I D =30 A VGS = 0 Min. 25 4000 1000 320 5400 1350 450 Typ . Max. Un it S pF pF pF
2/8
STP60NE03L-10
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symb ol t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Cond ition s V DD = 15 V ID = 30 A V GS = 5 V R G =4.7 (see test circuit, figure 3) V DD = 24 V I D = 60 A V GS = 5 V Min. Typ . 35 240 62 20 31 Max. 50 320 85 Un it ns ns nC nC nC
SWITCHING OFF
Symb ol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Cond ition s V DD = 24 V I D = 60 A R G =4.7 VGS = 5 V (see test circuit, figure 5) Min. Typ . 60 80 150 Max. 80 110 200 Un it ns ns ns
SOURCE DRAIN DIODE
Symb ol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 60 A V GS = 0 70 0.13 4 Test Cond ition s Min. Typ . Max. 60 240 1.5 Un it A A V ns C A
di/dt = 100 A/s I SD = 60 A o Tj = 150 C V DD = 24 V (see test circuit, figure 5)
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STP60NE03L-10
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STP60NE03L-10
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STP60NE03L-10
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STP60NE03L-10
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
STP60NE03L-10
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersede and replaces all information previously supplied. s SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
8/8


▲Up To Search▲   

 
Price & Availability of STP60NE03L-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X